Part Number Hot Search : 
7F0S20E FSS130D1 YA868C15 2SD14 A7601 75N10 20LM3 AN124
Product Description
Full Text Search
 

To Download FAR-F6KA-1G5754-L4AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *Pb Free part
Customer Name System FMD Part Number
Standard specifications
GPS FAR-F6KA-1G5754-L4AB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 2.1b Oct. 28, 2008
Table 1 Electrical Specification Passband : 1574.42 ~ 1576.42 MHz
Parameter Frequency Min. Insertion loss Ripple in passband Absolute Attenuation 1574.42 ~ 1576.42 1574.42 ~ 1576.42 824 ~ 849 880 ~ 915 1475.42 1525.42 1625.42 1675.42 1710 ~ 1785 1850 ~ 1910 1920 ~ 1980 2400 ~ 2500 VSWR Input VSWR Outout Input Impedance Output Impedance Operating Temperature Device size (L x W x H) 1574.42 ~ 1576.42 1574.42 ~ 1576.42 18 17 19 26 30 20 19 19 19 20 Value Typ. 0.44 0.01 21 20 23 35 53 25 23 23 23 24 1.1 1.1 50 50 -30 to +85
1.4typ. x 1.0typ. x 0.5 max.
Unit Max. 0.75 0.4 1.6 1.6 dB(*1) dB dB dB dB dB dB dB dB dB dB dB Ohm Ohm
o
Remark
C
mm
(*1) Specification of insertion loss excludes loss that comes from the test board. (approximately 1.5GHz=0.12dB)
*Pb Free part
Customer Name System FMD Part Number
Standard specifications
GPS FAR-F6KA-1G5754-L4AB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 2.1b Oct. 28, 2008
Dimension
Device size: 1.4typ. x 1.0typ. x 0.5max.
Unit: mm
Pin Configuration Pin No.
1 2 3 4 5
Symbol
IN GND GND OUT GND
Function
Unbalanced pin Ground Ground Unbalanced pin Ground
Evaluation Circuit
Unbalanced Input (50ohm)
1 2,3,5
4
Unbalanced Output (50ohm) 1 ~ 5 : Pin No.
GND
*Pb Free part
Customer Name System FMD Part Number
Standard specifications
GPS FAR-F6KA-1G5754-L4AB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 2.1b Oct. 28, 2008
Fig.1 Pass-band Characteristics
Fig.2 VSWR
Input Output
These data include loss that comes from the test board. (approximately 1.5GHz=0.12dB)
*Pb Free part
Customer Name System FMD Part Number
Standard specifications
GPS FAR-F6KA-1G5754-L4AB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 2.1b Oct. 28, 2008
Fig.3 In-band Characteristics
Fig.4 Wide-band Characteristics These data include loss that comes from the test board. (approximately 1.5GHz=0.12dB)
*Pb Free part
Customer Name System FMD Part Number
Standard specifications
GPS FAR-F6KA-1G5754-L4AB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 2.1b Oct. 28, 2008
Fig.5 Input impedance
Fig.6 Output impedance


▲Up To Search▲   

 
Price & Availability of FAR-F6KA-1G5754-L4AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X